Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5633 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5633
Description  SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5633 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5633 Datasheet HTML 1Page - RF Micro Devices RF5633 Datasheet HTML 2Page - RF Micro Devices RF5633 Datasheet HTML 3Page - RF Micro Devices RF5633 Datasheet HTML 4Page - RF Micro Devices RF5633 Datasheet HTML 5Page - RF Micro Devices RF5633 Datasheet HTML 6Page - RF Micro Devices RF5633 Datasheet HTML 7Page - RF Micro Devices RF5633 Datasheet HTML 8Page - RF Micro Devices RF5633 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF5633
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage, RF Applied
-0.5 to +5.25
VDC
Supply Voltage, no RF Applied
-0.5 to +6.0V
VDC
DC Supply Current
2000
mA
Input RF Power with 50
 Load
+15
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IEEE802.16e, 5.0V
Nominal Condition T=25 °C, VCC=5.0V,
VREG 1, 2, and 3=5.0V, Frequency=3.4GHz to
3.6GHz, using a standard IEEE802.16e
16QAM waveform at 37% duty cycle unless oth-
erwise noted.
Compliance
IEEE802.16e
Frequency
3.4
3.6
GHz
Output Power
26.5
28
dBm
With IEEE802.16e, 16 QAM standard waveform
at <2.5% EVM
EVM
2.5
3
%
802.16e increase in EVM over EVM floor; RF
POUT=+28dBm, Over temperature -40°C to
+85°C
Stability
0
34
dBm
PA should be stable when POUT is measured
from 0 to 34dBm
Gain
32.5
34.5
36.5
dB
POUT=28dBm
Low Gain Mode - Gain reduction
24
dB
Drop in gain versus high gain mode, by setting
VREG2=0V
Gain flatness, high gain mode and
low gain mode
3
dB
Peak-Peak over any 200MHz bandwidth.
Power Detect Voltage
0.2
1.8
V
POUT=10 to 30dBm.
Noise Figure
5
dB
Current
Operating
1000
1300
mA
RF POUT=+28dBm, Over Temperature -40°C to
+85°C
Quiescent
600
800
mA
RF=OFF, VCC=+5V, VREG=5V, Over Tempera-
ture -40°C to +85°C
IREG
6
10
mA
RF POUT=+28dBm VCC=+5V, VREG=5V, Over
Temperature -40°C to +85°C
Shutdown
5
30
uA
RF=OFF, VCC=+5V, VREG=0V, Over Tempera-
ture -40°C to +85°C
Power Supply
5
5.25
V
VREG1, VREG2, VREG3 Input Voltage
4.85
5
5.15
V
Turn-on time from setting of VREG
400
1500
nsec
Output stable to within 90% of final gain
Input Return Loss
-15
-10
dB
Output Return Loss
-10
-7
dB
Stable into Output VSWR
4:1
No spurs above -47dBm
No damage into Output VSWR
10:1
+5dBm PIN
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com