Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5652 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF5652
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF5652 Datasheet HTML 12Page - RF Micro Devices RF5652 Datasheet HTML 13Page - RF Micro Devices RF5652 Datasheet HTML 14Page - RF Micro Devices RF5652 Datasheet HTML 15Page - RF Micro Devices RF5652 Datasheet HTML 16Page - RF Micro Devices RF5652 Datasheet HTML 17Page - RF Micro Devices RF5652 Datasheet HTML 18Page - RF Micro Devices RF5652 Datasheet HTML 19Page - RF Micro Devices RF5652 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
WiFi 802.11n Performance Plots in 100% Duty Cycle
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
Gain(dB) vs. Pout(dBm)
- 10° C
Vcc=5VDc Vreg=2.85VDc
2412MHz
2450MHz
2484MHz
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
Gain(dB) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=2.85VDc
2412MHz
2450MHz
2484MHz
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
Gain(dB) vs. Pout(dBm)
85° C
Vcc=5VDc Vreg=2.85VDc
2412MHz
2450MHz
2484MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
Power Detect (V) vs. Pout(dBm)
- 10° C
Vcc=5VDc Vreg=2.85VDc
2412MHz
2450MHz
2484MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
1012141618202224262830
Output Power (dBm)
Power Detect (V) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=2.85VDc
2412MHz
2450MHz
2484MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
Power Detect (V) vs. Pout(dBm)
85° C
Vcc=5VDc Vreg=2.85VDc
2412MHz
2450MHz
2484MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com