Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5652 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5652
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5652 Datasheet HTML 1Page - RF Micro Devices RF5652 Datasheet HTML 2Page - RF Micro Devices RF5652 Datasheet HTML 3Page - RF Micro Devices RF5652 Datasheet HTML 4Page - RF Micro Devices RF5652 Datasheet HTML 5Page - RF Micro Devices RF5652 Datasheet HTML 6Page - RF Micro Devices RF5652 Datasheet HTML 7Page - RF Micro Devices RF5652 Datasheet HTML 8Page - RF Micro Devices RF5652 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1NC
No Connection internal. Can be grounded or left open.
2NC
No Connection internal. Can be grounded or left open.
3NC
No Connection internal. Can be grounded or left open.
4RFIN
RF input, internal DC blocked.
5RFIN
RF input, internal DC blocked.
6NC
No Connection internal. Can be grounded or left open.
7PENABLE
PA Enable pin; Apply <0.6VDC to power down the three power amplifier stages. Apply 1.75VDC to
5.0VDc to enable PA.
8VREG1
First stage bias voltage. This Pin requires regulated supply for best performance.
9VREG2
Second stage bias voltage. This Pin requires regulated supply for best performance.
10
VREG3
Third stage bias voltage. This Pin requires regulated supply for best performance.
11
VBIAS
Supply voltage for the bias reference and control circuits. May be connected with VCC1, VCC2, VCC3 as
long as appropriate isolation is provided.
12
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
13
NC
No Connection internal. Can be grounded or left open.
14
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
15
NC
No Connection internal. Can be grounded or left open.
16
PDET
Power detector provides an output voltage proportional to the RF output power level.
17
RFOUT
RF Output. Need external DC block.
18
RFOUT
RF Output. Need external DC block.
19
RFOUT
RF Output. Need external DC block.
20
RFOUT
RF Output. Need external DC block.
21
RFOUT
RF Output. Need external DC block.
22
RFOUT
RF Output. Need external DC block.
23
RFOUT
RF Output. Need external DC block.
24
RFOUT
RF Output. Need external DC block.
25
NC
No Connection internal. Can be grounded or left open.
26
NC
No Connection internal. Can be grounded or left open.
27
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
28
NC
No Connection internal. Can be grounded or left open.
29
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
30
VBIAS
Supply voltage for the bias reference and control circuits. May be connected with VCC1, VCC2, VCC3 as
long as appropriate isolation is provided.
31
NC
No Connection internal. Can be grounded or left open.
32
NC
No Connection internal. Can be grounded or left open.
PkG Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as
short a connection as possible, for example, PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com