Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5652 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5652
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5652 Datasheet HTML 1Page - RF Micro Devices RF5652 Datasheet HTML 2Page - RF Micro Devices RF5652 Datasheet HTML 3Page - RF Micro Devices RF5652 Datasheet HTML 4Page - RF Micro Devices RF5652 Datasheet HTML 5Page - RF Micro Devices RF5652 Datasheet HTML 6Page - RF Micro Devices RF5652 Datasheet HTML 7Page - RF Micro Devices RF5652 Datasheet HTML 8Page - RF Micro Devices RF5652 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
1
2
3
9
32
10
11
30
4
5
25
6
7
8
12
13
14
15
16
31
29
28
27
26
24
23
22
21
20
19
18
17
RFOUT
RFOUT
RFOUT
RFOUT
RFOUT
RFOUT
RFOUT
RFOUT
PENABLE
NC
NC
NC
RFIN
NC
RFIN
VREG1
Bias
Power
Detector
RF5652
5.0V, 2.4GHz TO 2.7GHz HIGH POWER
AMPLIFIER
The RF5652 is a High Power Amplifier that is intently specified to address IEEE
802.11b/g/n WiFi 2.4GHz to 2.5GHz customer premises equipment (CPE) applica-
tions; and WiMAX (2.5GHz to 2.7GHz) CPE applications. The PA has an intergrated
3-stage Linear Power Amplier, with 30dBm (1 Watt) linear power at PA output. This
product will be housed in an 5mmx5mm QFN.
Features
High Gain = 34dB
POUT = 30dBm<3% EVM
2.4GHz to 2.7GHz Frequency
Range
Integrated 3-stage PA
Integrated Power Detector
Applications
WiFi IEEE802.11b/g/n
Applications
Picocell, Femtocell
Customer Premises
Equipment (CPE)
WiMAX IEEE802.16e
Spread-Spectrum and MMDS
Systems
LTE
DS120125
Package: QFN, 32-Pin, 5mmx5mmx0.85mm
RF56525.0V,
2.4GHz to
2.7GHz High
Power Ampli-
fier
RF5652
Standard 25 piece bag
RF5652SB
Standard 5 piece bag
RF5652SR
Standard 100 piece reel
RF5652TR13
Standard 2500 piece reel
RF5652PCK-410
Evaluation Board 2.4GHz to 2.5GHz with 5 piece bag
RF5652PCK-411
Evaluation Board 2.5GHz to 2.7GHz with 5 piece bag


Similar Part No. - RF5652

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5652

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com