Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0045 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFDA0045
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045 Datasheet(HTML) 4 Page - RF Micro Devices

  RFDA0045 Datasheet HTML 1Page - RF Micro Devices RFDA0045 Datasheet HTML 2Page - RF Micro Devices RFDA0045 Datasheet HTML 3Page - RF Micro Devices RFDA0045 Datasheet HTML 4Page - RF Micro Devices RFDA0045 Datasheet HTML 5Page - RF Micro Devices RFDA0045 Datasheet HTML 6Page - RF Micro Devices RFDA0045 Datasheet HTML 7Page - RF Micro Devices RFDA0045 Datasheet HTML 8Page - RF Micro Devices RFDA0045 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RFDA0045
DS110621
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 10MHz to 850MHz Broadband Application Circuit (25°C)
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0
4
8
12
16
20
24
28
32
Attenuation (dB)
Successive Step Error versus Attenuation at 25 C
150MHz
500MHz
850MHz
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Worst Case Successive Step Error
30.00
32.00
34.00
36.00
38.00
40.00
42.00
44.00
46.00
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
OIP3 (Major States, 25°C, 0dBm/Tone)
0
0.5
1
2
4
8
16
14.00
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
P1dB (Major States, 25°C)
0
0.5
1
2
4
8
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Noise Figure versus Frequency (Max Gain)
+25C
-40C
+85C
30
32
34
36
38
40
42
44
-5
-2
1
4
7
10
P
(dBm)
OIP3 versus P
(Max Gain, at 150MHz)
25
°C
-40
°C
85
°C
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com