Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0045 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0045
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0045 Datasheet HTML 1Page - RF Micro Devices RFDA0045 Datasheet HTML 2Page - RF Micro Devices RFDA0045 Datasheet HTML 3Page - RF Micro Devices RFDA0045 Datasheet HTML 4Page - RF Micro Devices RFDA0045 Datasheet HTML 5Page - RF Micro Devices RFDA0045 Datasheet HTML 6Page - RF Micro Devices RFDA0045 Datasheet HTML 7Page - RF Micro Devices RFDA0045 Datasheet HTML 8Page - RF Micro Devices RFDA0045 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFDA0045
DS110621
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Serial Port Interface
SPI Timing Diagram Specifications
Truth Table
Parameter
Limit
Unit
Comment
t1
25
MHz max
CLK Frequency
t2
20
ns min
CLK High
t3
20
ns min
CLK Low
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
DATA Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns max
Output Set
Control Bit
Gain Relative to Maximum Gain
D5
D4
D3
D2
D1
D0
1
11111
0dB
1
11110
-0.5dB
1
11101
-1dB
1
11011
-2dB
1
10111
-4dB
1
01111
-8dB
0
11111
-16dB
0
00000
-31.5dB
Power-up Programming Truth Table
Logic Voltage Levels
PUP
Attenuator Setting
State
Logic
High
Attenuation at min, 0dB
Low
0V to 0.8V
Low
Attenuation at max, 31.5dB
High
2.0V to 5.0V
CLK
DATA
LE
DOUT
SPI Timing Diagram
Programming Example, 6-Bit
MSB
LSB
D4
D3
D2
D0
D1
D5
CLK
DATA
LE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com