Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0045 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0045
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0045 Datasheet HTML 1Page - RF Micro Devices RFDA0045 Datasheet HTML 2Page - RF Micro Devices RFDA0045 Datasheet HTML 3Page - RF Micro Devices RFDA0045 Datasheet HTML 4Page - RF Micro Devices RFDA0045 Datasheet HTML 5Page - RF Micro Devices RFDA0045 Datasheet HTML 6Page - RF Micro Devices RFDA0045 Datasheet HTML 7Page - RF Micro Devices RFDA0045 Datasheet HTML 8Page - RF Micro Devices RFDA0045 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
2
3
4
5
6
1
17
18
19
20
21
22
9
10
11
12
13
14
32
31
30
29
28
27
SPI Controller
GND
RFOUT1
RFIN1
GND
GND
ATTOUT
N/C
7
8
15
16
23
24
26
25
GND
ATTIN
GND
ACG1
ACG7
GND
RFIN2
RFOUT2
GND
NC
6-BIT DSA
EPAD
GND
RFDA0045
DIGITAL CONTROLLED VARIABLE GAIN
AMPLIFIER 10MHZ TO 850MHZ
RFMD's RFDA0045 is a digital controlled variable gain amplifier (DVGA) featuring
high linearity over the entire gain control range. The 6-bit digital step attenuator is
programmed with serial mode control interface. The RFDA0045 is packaged in a
5.2mmx5.2mm leadless laminate MCM with plated through thermal vias for low
thermal resistance. The amplifiers’ bias chokes and DC blocks are external allowing
for optimum performance over specific bands within 10MHz to 850MHz.
Features
Frequency Range 10MHz to
850 MHz
6-Bit Digital Step Attenuator
SPI Serial Control Program-
ming
Max Gain = 44dB at 150MHz
Gain Control Range = 31.5dB
(0.5dB Step Size)
High OIP3 = 42dBm at
150MHz
High P1dB = 20dBm at
150MHz
Single +5V Supply
Small 32-Pin, 5.2mm x
5.2mm, MCM
Footprint Compatible with
5mm x 5mm, 32-Pin, QFN
Power-up Programming
Applications
Transceiver IF DVA
Cellular, PCS, GSM, UMTS
Wireless Data, Satellite
Terminals
DS110621

Package: MCM 32-Pin, 5.2mm x 5.2mm
RFDA0045Dig-
ital Controlled
Variable Gain
Amplifier
RFDA0045SQ
Sample Bag with 25 pieces
RFDA0045SR
7” Sample Reel with 100 pieces
RFDA0045T7
7” Reel with 750 pieces
RFDA0045TR13
13” Reel with 2500 Pieces
RFDA0045PCK-410
10MHz to 850MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA0045

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0047PCK-410 RFMD-RFDA0047PCK-410 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0047SQ RFMD-RFDA0047SQ Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0047SR RFMD-RFDA0047SR Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0047TR13 RFMD-RFDA0047TR13 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
More results

Similar Description - RFDA0045

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com