Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0056 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0056
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0056 Datasheet HTML 1Page - RF Micro Devices RFDA0056 Datasheet HTML 2Page - RF Micro Devices RFDA0056 Datasheet HTML 3Page - RF Micro Devices RFDA0056 Datasheet HTML 4Page - RF Micro Devices RFDA0056 Datasheet HTML 5Page - RF Micro Devices RFDA0056 Datasheet HTML 6Page - RF Micro Devices RFDA0056 Datasheet HTML 7Page - RF Micro Devices RFDA0056 Datasheet HTML 8Page - RF Micro Devices RFDA0056 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RFDA0056
DS120926
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
V
DC Supply Current
330
mA
Power Dissipation
1600
mW
Max RF Input Power for 50
Output Load
12
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
+172
°C
ESD Rating (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level
MSL 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp = 25°C, VCC= VDD = 5V, standard appli-
cation circuit
Frequency Range
300
1100
MHz
Max Gain
36
dB
Attenuation = 0dB, at 450MHz
Gain Control Range
31.5
dB
Step Accuracy
±(0.15 +5% attenuation setting)
dB
Major state error up to 1100MHz
P1dB
25
dBm
Attenuation = 0dB, at 450MHz
Output IP3
44
dBm
POUT = 5dBm/Tone, 1MHz spacing at 450MHz
Control Interface
6
bit
SPI Interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
4.2
dB
Attenuation = 0dB
Impedance
50
Input Return Loss
18
dB
At 450MHz
Output Return Loss
14.9
dB
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
207
215
245
mA
From VCC (SPI), VCC (AMP1), and VCC (AMP2)
Thermal Resistance
73
°C/W
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
350MHz 450MHz 550MHz 700MHz 850MHz 900MHz 950MHz 1050MHz
Max Small
Signal Gain
dB
37.1
36.8
36.3
35.2
34.1
33.7
33.3
32.6
Output P1dB
dBm
25.1
25
24.3
24.5
24.3
24.4
24.5
24.4
Output IP3*
dBm
44.2
44.1
41.4
41.3
41.6
41.6
41.9
42
Input Return
Loss
dB
22.3
18
16
14.9
16
17.1
17.9
18.3
Output Return
Loss
dB
9.8
14.4
27
17.8
14.2
14.3
15
17.2
*Note: OIP3 is tested at POUT = 5dBm/Tone and 1MHz spacing
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com