Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0056 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0056
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0056 Datasheet HTML 1Page - RF Micro Devices RFDA0056 Datasheet HTML 2Page - RF Micro Devices RFDA0056 Datasheet HTML 3Page - RF Micro Devices RFDA0056 Datasheet HTML 4Page - RF Micro Devices RFDA0056 Datasheet HTML 5Page - RF Micro Devices RFDA0056 Datasheet HTML 6Page - RF Micro Devices RFDA0056 Datasheet HTML 7Page - RF Micro Devices RFDA0056 Datasheet HTML 8Page - RF Micro Devices RFDA0056 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
SOI
Z e
AMP2
1
2
3
4
5
6
7
15
16
17
18
19
20
21
SPI_LE
SPI_DATA
SPI_CLK
PUP
GND
RF_IN
GND
GND
RF_OUT
GND
GND
GND
GND
GND
RFDA0056
Digital Controlled Variable Gain Amplifier 300MHz
to 1100MHz, 6-Bit 0.5dB LSB Control
RFMD's RFDA0056 is a digital controlled variable gain amplifier featuring high lin-
earity over the entire gain control range. The gain of the 6-bit digital step attenuator
is programmed with a serial mode control interface (SPI). The RFDA0056 is pack-
aged in a small 6.0mm x 6.0mm leadless laminate MCM, which contains plated
through thermal vias for ultra-low thermal resistance. This module is easy to use
with no external matching components required.
Features
Frequency Range 300MHz to
1100MHz
Full Internal Matching and No
External Bias Inductors
6-Bit Digital Step Attenuator
SPI Serial Control Programming
Gain Control Range = 31.5dB
(0.5dB Step Size)
High OIP3/P1dB = +44/25dBm
Typical at 450MHz
Single +5V Supply
Small 28-Pin, 6.0mm x 6.0mm,
MCM
Power-up Programming
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
DS120926
Package: MCM 28-Pin, 6.0mm x 6.0mm
RFDA0056Dig-
ital Controlled
Variable Gain
Amplifier
300MHz to
1100MHz, 6-
Bit 0.5dB LSB
Control
RFDA0056SQ
Sample bag with 25 pieces
RFDA0056SR
7” Reel with 100 pieces
RFDA0056R7
7” Reel with 750 pieces
RFDA0056R13
13” Reel with 2500 pieces
RFDA0056PCK-410 300MHz to 1100MHz PCBA with 5-piece sample bag
Ordering Information


Similar Part No. - RFDA0056

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057PCK-410 RFMD-RFDA0057PCK-410 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057SQ RFMD-RFDA0057SQ Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057SR RFMD-RFDA0057SR Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA0057TR13 RFMD-RFDA0057TR13 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
More results

Similar Description - RFDA0056

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Analog Devices
HMC424ALP3E AD-HMC424ALP3E Datasheet
451Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com