Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0056 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA0056
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA0056 Datasheet HTML 2Page - RF Micro Devices RFDA0056 Datasheet HTML 3Page - RF Micro Devices RFDA0056 Datasheet HTML 4Page - RF Micro Devices RFDA0056 Datasheet HTML 5Page - RF Micro Devices RFDA0056 Datasheet HTML 6Page - RF Micro Devices RFDA0056 Datasheet HTML 7Page - RF Micro Devices RFDA0056 Datasheet HTML 8Page - RF Micro Devices RFDA0056 Datasheet HTML 9Page - RF Micro Devices RFDA0056 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RFDA0056
DS120926
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
300MHz to 1100MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
300MHz to 1100MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFDA0056, 6 x 6sq.mm, 28-Pin Laminate
U1
RFMD
RFDA0056
RFDA2026-411(B)
Viasystems
RFDA2026-411(B)
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Emerson Network Power
142-0701-821
CAP, 0.1µF, 10%, 10V, X7R, 0402
C1, C6, C11
Murata Electronics
GRM155R71C104KA88D
CAP, 330pF, 10%, 50V, X7R, 0402
C7-C8
Murata Electronics
GRM155R71H331KA01E
RES, 1K, 5%, 1/16W, 0603
R2
Panasonic Industrial Co.
ERJ-3GEYJ102
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 X 00402
RN1
KOA
CN1E4KTTD102J
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P1
ITW Pancon
MPSS100-6-C
CONN, SKT, 24-PIN DIP, .600", T/H
P2
Aries Electronics Inc.
24-6518-10
RES, 0Ω, 0603
R1, R3, R5
Kamaya, Inc
RMC1/16JPTP
DNP
C2-C5, C9-C10, R4, L1
N/A
N/A
C9
DNP
C10
DNP
C11
0.1uF
1
2
3
4
5
8
6
7
RN1
1000 ohm
R2
1K
1
J2
RFOUT
C8
330pF
C7
330pF
1
J1
RFIN
R1
0 ohm
1
2
3
4
5
6
P1
HDR_1X6
C1
0.1uF
C2
DNP
+
C3
DNP
+
C4
DNP
C5
DNP
C6
0.1uF
PUP
CLK
DATA
LE
VCC
VCC
VCC
VCC
LE
DATA
CLK
VCC
PUP
R3
0 ohm
R5
0 ohm
R4
DNP
C12
DNP
L1
DNP
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
CB2
TXD
DTR#
RTS#
VIO
RXD
RI#
GND
DSR#
DCD#
CTS#
CB4
GND
SLD
USB
VCC
PU2
PU1
CB3
3V3
RST
VCC
CB1
CB0
P2
UM232R
PUP
CLK
DATA
LE
R6
DNP
SPI_LE
1
SPI_DATA
2
SPI_CLK
3
PUP
4
GND
5
RFIN
6
GND
7
GND
15
RFOUT
16
GND
17
GND
18
GND
19
GND
20
GND
21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com