Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2015 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA2015
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2015 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA2015 Datasheet HTML 1Page - RF Micro Devices RFDA2015 Datasheet HTML 2Page - RF Micro Devices RFDA2015 Datasheet HTML 3Page - RF Micro Devices RFDA2015 Datasheet HTML 4Page - RF Micro Devices RFDA2015 Datasheet HTML 5Page - RF Micro Devices RFDA2015 Datasheet HTML 6Page - RF Micro Devices RFDA2015 Datasheet HTML 7Page - RF Micro Devices RFDA2015 Datasheet HTML 8Page - RF Micro Devices RFDA2015 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RFDA2015
DS101117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance - 1.8GHz to 2.2GHz Application Circuit Performance
-25
-20
-15
-10
-5
0
5
10
15
1.8
1.9
2.0
2.1
2.2
Gain (dB)
Frequency (GHz)
Gain, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0123456
Gain (dB)
Freq(GHz)
S21 over Temperature,MaxGain
+25C
-40C
+85C
-30
-25
-20
-15
-10
-5
0
1.8
1.9
2.0
2.1
2.2
ORL(dB)
Frequency (GHz)
Output RL, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0123456
ORL (dB)
Frequency (GHz)
Output Return Loss over Temperature,MaxGain
+25C
-40C
+85C
-30
-25
-20
-15
-10
-5
0
1.8
1.9
2.0
2.1
2.2
IRL(dB)
Frequency (GHz)
Input RL, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0123456
IRL (dB)
Frequency (GHz)
Input Return Loss over Temperature, MaxGain
+25C
-40C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com