Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2015 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA2015
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2015 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA2015 Datasheet HTML 2Page - RF Micro Devices RFDA2015 Datasheet HTML 3Page - RF Micro Devices RFDA2015 Datasheet HTML 4Page - RF Micro Devices RFDA2015 Datasheet HTML 5Page - RF Micro Devices RFDA2015 Datasheet HTML 6Page - RF Micro Devices RFDA2015 Datasheet HTML 7Page - RF Micro Devices RFDA2015 Datasheet HTML 8Page - RF Micro Devices RFDA2015 Datasheet HTML 9Page - RF Micro Devices RFDA2015 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RFDA2015
DS101117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Schematic - 1800MHz to 2200MHz Application Circuit
Bill of Materials - 1800MHz to 2200MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
RFDA2015SB
U1
RFMD
RFDA2015
RFDA2015, PCB
RFDA2015410 (A)
CONN, SMA, END LNCH, FLT, 0.062”
J1, J2
Emerson Network Power
142-0701-821
CAP, 1000pF, 10%, 50V, X7R, 0603
C2, C5
Murata Electronics
GRM188R71H102KA01D
CAP, 22pF, 5%, 50V, C0G, 0402
C3, C7, C8
PANASONIC INDUSTRIAL CO
ECJ-0EC1H220J
CAP, 1uF, 10%, 16V, X7R, 0805
C1, C6
Murata Electronics
GRM21BR71C105KA01K
CAP, 100pF, 5%, 50V, C0G, 0402
C4
PANASONIC INDUSTRIAL CO
ECJ-0EC1H101J
CAP, 1.2pF, +/-0.1pF, 50V, C0G, 0402
C9
Murata Electronics
GRM1555C1H1R2BZ01E
IND, 18nH, 5%, M/L, 0603
L1
Toko America, Inc.
LL1608-FSL18NJ
RES, 0 OHM, 0402
C10
Kamaya, Inc
RMC1/16SJPTH
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 X 0402
RN1, RN2
KOA
CN1E4KTTD102J
CAP, 3.3pF, +/-0.1pF, 50V, C0G, 0402
C13
Murata Electronics
GRM1555C1H3R3BZ01E
CONN, HDR, ST, PLRZD, 2-PIN, 0.100”
P2
ITW Pancon
MPSS100-2-C
CONN, HDR, ST, PLRZD, 14-PIN, 0.100”
P1
ITW Pancon
MPSS100-14-C
DNP
C11, C12, RN3, R1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com