Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2015 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA2015
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2015 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA2015 Datasheet HTML 1Page - RF Micro Devices RFDA2015 Datasheet HTML 2Page - RF Micro Devices RFDA2015 Datasheet HTML 3Page - RF Micro Devices RFDA2015 Datasheet HTML 4Page - RF Micro Devices RFDA2015 Datasheet HTML 5Page - RF Micro Devices RFDA2015 Datasheet HTML 6Page - RF Micro Devices RFDA2015 Datasheet HTML 7Page - RF Micro Devices RFDA2015 Datasheet HTML 8Page - RF Micro Devices RFDA2015 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFDA2015
DS101117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 1.8GHz to 2.2GHz Application Circuit Performance
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
4
8
12
1620
2428
32
Error
(dB)
State
Successive Step Error at 2020MHz
+25C
-40C
+85C
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
1.8
1.9
2.0
2.1
2.2
Error
(dB)
Frequency (GHz)
Worst Case Successive Step Error, 25°C
38
40
42
44
46
48
1.8
1.9
2.0
2.1
2.2
OIP3
(dBm)
Frequency (GHz)
OIP3 over Temperature, MaxGain
+25C
-40C
+85C
38
40
42
44
46
48
1.8
1.9
2.0
2.1
2.2
OIP3 (dBm)
Frequency (GHz)
OIP3, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
22
23
24
25
26
27
1.8
1.9
2.0
2.1
2.2
P1dB
(dBm)
Frequency (GHz)
P1dB over Temperature,MaxGain
+25C
-40C
+85C
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
1234
5678
9 10 11 12 13 14 15
ACPR
(dBc)
Output Channel Power (dBm)
ACPR over Temperature, MaxGain
WCDMA, 64DPCH, 2017MHz
+25C
-40C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com