Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0066TR7 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFDA0066TR7
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066TR7 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFDA0066TR7 Datasheet HTML 10Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 11Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 12Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 13Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 14Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 15Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 16Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 17Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
400MHz to 1GHz Application Circuit
1
2
3
4
5
8
6
7
RN1
1K
R5
1K
1
J2
RFOUT
1
J1
RFIN
R1
27.4
1
2
3
4
5
6
P1
HDR_1X6
VDD
PUP
CLK
LE
DATA
VDD
VCC
PUP
DATA
LE
CLK
R4
DNP
C21
DNP
AMP1 _IN
1
DSA1 _OUT
2
ACG1
3
ACG2
4
ACG3
5
ACG4
6
DSA1 _IN
7
AMP2 _OUT
15
GND
16
GND
17
AMP2 _IN
18
DSA2 _OUT
19
GND
20
ACG5
21
U1
RFDA0066
C1
2.2uF
C2
120pF
C3
120pF
C4
120pF
C5
120pF
C6
1uF
C7
1uF
L1
68nH
C8
100pF
C9
1uF
+
C10
10uF
C12
120pF
C13
120pF
C14
120pF
C15
120pF
C16
1uF
L2
68nH
R3
27.4
VCC
C18
100pF
C19
1uF
+
C20
10uF
C17
2.2uF
VDD
C22
10000pF
C23
1uF
1
2
P2
HDR_1X2
VCC
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
CB2
TXD
DTR#
RTS#
VIO
RXD
RI#
GND
DSR#
DCD#
CTS#
CB4
GND
SLD
USB
VCC
PU2
PU1
CB3
3V3
RST
VCC
CB1
CB0
P3
UM2 32R
PUP
CLK
DATA
LE
R6
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com