Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0066TR7 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RFDA0066TR7
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066TR7 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RFDA0066TR7 Datasheet HTML 10Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 11Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 12Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 13Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 14Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 15Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 16Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 17Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Branding Diagram
YYWW
Trace Code
Pin 1 Indicator
Fill in the YYWW Notation with the Date Code
YY = Year
WW = Week
Trace Code to be assigned by SubCon
DA0066
6.000
6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com