Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0066TR7 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFDA0066TR7
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066TR7 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFDA0066TR7 Datasheet HTML 2Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 3Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 4Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 5Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 6Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 7Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 8Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 9Page - RF Micro Devices RFDA0066TR7 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - 400MHz to 1GHz Broadband Application Circuit
32
34
36
38
40
42
44
46
48
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Gain versus Frequency
(MaxGain)
25°C
-40°C
85°C
0
1
2
3
4
5
6
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Noise Figure versus Frequency
(Max Gain)
+25°C
-40°C
+85°C
32
33
34
35
36
37
38
39
40
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Output IP3 Over Temperature
(MaxGain, 0dBm/Tone)
25°C
-40°C
85°C
32
33
34
35
36
37
38
39
40
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Output IP3
(DSA2@MajorStates, 25 C
, 0dBm/Tone)
0
0.5
1
2
4
8
16
16
17
18
19
20
21
22
23
24
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
P1dB
(DSA2@MajorStates, 25 C)
0
0.5
1
2
4
8
16
16
17
18
19
20
21
22
23
24
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
P1dB Over Temperature
(MaxGain)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com