Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1515AVB2-R2 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1515AVB2-R2
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R2 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1515AVB2-R2 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NJG1515AVB2
- 3 -
nELECTRICAL CHARACTERISTICS 2 [800MHz TX Mode]
Common Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency range 1
fin1
885
-
960
MHz
TX-ANT1 Insertion Loss
LOSS1
Pin=30dBm
-
0.5
0.65
dB
TX-EXT1 Insertion Loss
LOSS2
Pin=30dBm
-
0.5
0.65
dB
TX-RX Isolation
ISL1
Pin=30dBm
TX-ANT1, TX-EXT1 passing
24
29
-
dB
TX-ANT1 Isolation
ISL2
Pin=30dBm
TX-EXT1 passing
22
27
-
dB
TX-ANT2 Isolation
ISL3
Pin=30dBm
TX-ANT1, TX-EXT1 passing
33
38
-
dB
TX-EXT1 Isolation
ISL4
Pin=30dBm
TX-ANT1 passing
21
26
-
dB
TX-EXT2 Isolation
ISL5
Pin=30dBm
TX-ANT1, TX-EXT1 passing
32
37
-
dB
Pin at 0.5dB
compression point 1
P-0.5dB(1) TX-ANT1, TX-EXT1 passing
33
34
-
dBm
Adjacent Channel
Leakage Power 1
ACP1
PDC Standard,
±50kHz offset
Pin=30dBm, Input Signal
ACP=-64dBc @30dBm
-
-63
-60
dBc
Adjacent Channel
Leakage Power 3
ACP2
PDC Standard,
±100kHz offset
Pin=30dBm, Input Signal
ACP=-76dBc @30dBm
-
-74
-70
dBc
2nd Harmonics 1
2f0(1)
Pin=30dBm, Input Signal 2nd
Harmonics=-68dBc
-
-63
-60
dBc
3rd Harmonics 1
3f0(1)
Pin=30dBm, Input Signal 2nd
Harmonics=-69dBc
-
-63
-60
dBc
VSWR1
VSWR1
TX-ANT1, TX-EXT1 passing
-
1.3
1.5
Switching time
TD1
CTL1~3
-
120
500
nsec
f=960MHz, Ta=25°C, VDD=3.5V, VSS=-2.5V
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1 and EXT2 are terminated to 50
Ω.
TER1 and TER2 are connected to GND through 5pFcapacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com