Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1515AVB2-R2 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJG1515AVB2-R2
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R2 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJG1515AVB2-R2 Datasheet HTML 9Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 10Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 11Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 12Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 13Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 14Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 15Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 16Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NJG1515AVB2
- 13 -
nTYPICAL CHARACTERISTICS (1.5GHz Band: Measured on the PCB evaluation circuit)
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
VDD=3.5V
VDD=3.0V
VDD=2.7V
Ambient Temperature (
oC )
Loss vs. Ambient Temperature vs. V
DD
(Tx-Ant1, f=1453MHz, V
SS
=-2.5V)
Pin=30dBm
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
VDD=3.5V
VDD=3.0V
VDD=2.7V
Ambient Temperature (
oC )
Loss vs. Ambient Temperature vs. V
DD
(Tx-Ext1, f=1453MHz, V
SS
=-2.5V)
Pin=30dBm
30.0
32.0
34.0
36.0
38.0
40.0
-50
0
50
100
VDD=3.5V
VDD=3.0V
VDD=2.7V
Ambient Temperature (
oC )
P
-0.5dB
vs. Ambient Temperature vs. V
DD
(Tx-Ant1, f=1453MHz, V
SS
=-2.5V)
-70.0
-65.0
-60.0
-55.0
-50
0
50
100
VDD=3.5V
VDD=3.0V
VDD=2.7V
Ambient Temperature (
oC )
ACP(+50kHz) vs. Ambient Temperature vs. V
DD
(Tx-Ant1, f=1453MHz, V
SS
=-2.5V)
Pin=30dBm
20
25
30
35
0
50
100
150
20
25
30
35
40
Input Power P
in
(dBm)
Input Power vs. Output Power,I
DD
(Tx-Ant1, f=1453MHz, V
DD
=3.5V, V
SS
=-2.5V)
P
-0.5dB
=
35.8dBm
10
15
20
25
30
0
5
10
15
20
10
15
20
25
30
35
Input Power P
in
(dBm)
Input Power vs. Output Power,I
DD
(Rx-Ant1, f=1501MHz, V
DD
=3.5V, V
SS
=0V)
P
-1dB
=
30.0dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com