Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1515AVB2-R2 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1515AVB2-R2
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R2 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1515AVB2-R2 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NJG1515AVB2
- 5 -
nELECTRICAL CHARACTERISTICS 4 [1.5GHz Tx Mode]
Common Condition:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency range 3
fin3
1429
-
1453
MHz
TX-ANT1
Insertion Loss
LOSS7
Pin=30dBm
-
0.55
0.70
dB
TX-EXT1
Insertion Loss
LOSS8
Pin=30dBm
-
0.65
0.80
dB
TX-RX Isolation
ISL10
Pin=30dBm
TX-ANT1, TX-EXT1 passing
28
33
-
dB
TX-ANT1 Isolation
ISL11
Pin=30dBm
TX-EXT1 passing
30
35
-
dB
TX-ANT2 Isolation
ISL12
Pin=30dBm
TX-ANT1, TX-EXT1 passing
30
35
-
dB
TX-EXT1 Isolation
ISL13
Pin=30dBm
TX-ANT1 passing
20
24
-
dB
TX-EXT2 Isolation
ISL14
Pin=30dBm
TX-ANT1, TX-EXT1 passing
35
40
-
dB
Pin at 0.5dB
compression point 2
P-0.5dB (2) TX-ANT1, TX-EXT1 passing
33.5
35.5
-
dBm
Adjacent channel
leakage power5
ACP3
PDC Standard,
±50KHz offset
Pin=30dBm, Input Signal
ACP=-67dBc @ 30dBm
-
-64
-60
dBc
Adjacent channel
leakage power 7
ACP4
PDC Standard,
±100kHz offset
Pin=30dBm, Input Signal
ACP=-76dBc @ 30dBm
-
-75
-70
dBc
2nd Harmonics 2
2f0(2)
Input Signal 2nd Harmonics
=-68dBc, Pin=30dBm
-
-62
-60
dBc
3rd Harmonics 2
3f0(2)
Input Signal 2nd Harmonics
=-69dBc, Pin=30dBm
-
-62
-60
dBc
VSWR3
VSWR3
TX-ANT1, TX-EXT1 passing
-
1.4
1.6
Switching time3
TD3
CTL1~3
-
120
500
nsec
f=1453MHz, Ta=25°C, VDD=3.5V, VSS=-2.5V
Tested on PCB circuit as shown below
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1 and EXT2 are terminated to 50
Ω.
TER1 and TER2 are connected to GND through 5pFcapacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com