Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1507R-R1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1507R-R1
Description  SPDT SWITCH GaAs MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1507R-R1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1507R-R1 Datasheet HTML 1Page - New Japan Radio NJG1507R-R1 Datasheet HTML 2Page - New Japan Radio NJG1507R-R1 Datasheet HTML 3Page - New Japan Radio NJG1507R-R1 Datasheet HTML 4Page - New Japan Radio NJG1507R-R1 Datasheet HTML 5Page - New Japan Radio NJG1507R-R1 Datasheet HTML 6Page - New Japan Radio NJG1507R-R1 Datasheet HTML 7Page - New Japan Radio NJG1507R-R1 Datasheet HTML 8Page - New Japan Radio NJG1507R-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJG1507R
- 2 -
nABSOLUTE MAXIMUM RATINGS
(Ta=25°C, Zs=Zl=50
Ω)
PARAMETER
SYMBOL
RATINGS
UNITS
Input power
Pin
33
dBm
Control voltage
VCTR
6.0
V
Power dissipation
PD
320
mW
Operating Temp.
Topr
-30~+85
°C
Storage Temp.
Tstg
-40~+150
°C
nELECTRICAL CHARACTERISTICS
(VCTR (L)=0V, VCTR (H)=2.7V, Zs=Zo=50
Ω, T
a=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Control voltage (L)
VCTR (L)
f=0.05~2.5GHz, Pin=22dBm
-0.2
0
0.2
V
Control voltage (H)
VCTR (H)
f=0.05~2.5GHz, Pin=22dBm
2.5
2.7
5.5
V
Control current
ICTR
f=0.05~2.5GHz, Pin=22dBm
-
5.0
8.0
uA
Insertion loss1
LOSS1
f=1.0GHz, Pin=22dBm
-
0.4
0.7
dB
Insertion loss2
LOSS2
f=2.0GHz, Pin=22dBm
-
0.5
0.8
dB
Isolation 1
(PC-P1, PC-P2, P1-P2)
ISL1
f=1.0GHz, Pin=22dBm
25
31
-
dB
Isolation 2
(PC-P1, PC-P2, P1-P2)
ISL2
f=2.0GHz, Pin=22dBm
25
33
-
dB
Pin at 1dB
compression point 1
P-1dB (1)
f=2.0GHz
26
28
-
dBm
Pin at 1dB
compression point 2
P-1dB (2)
VCTR (H)=3.0V, f=2.0GHz
27
30
-
dBm
VSWR
VSWR
f=0.05~2.5GHz, ON STATE
-
1.2
1.5
Switching time
TSW
f=0.05~2.5GHz
-
15
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com