Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1507R-R1 Datasheet(PDF) 12 Page - New Japan Radio

Part # NJG1507R-R1
Description  SPDT SWITCH GaAs MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1507R-R1 Datasheet(HTML) 12 Page - New Japan Radio

Back Button NJG1507R-R1 Datasheet HTML 5Page - New Japan Radio NJG1507R-R1 Datasheet HTML 6Page - New Japan Radio NJG1507R-R1 Datasheet HTML 7Page - New Japan Radio NJG1507R-R1 Datasheet HTML 8Page - New Japan Radio NJG1507R-R1 Datasheet HTML 9Page - New Japan Radio NJG1507R-R1 Datasheet HTML 10Page - New Japan Radio NJG1507R-R1 Datasheet HTML 11Page - New Japan Radio NJG1507R-R1 Datasheet HTML 12Page - New Japan Radio NJG1507R-R1 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
NJG1507R
- 12 -
C2
C3
PC
V
CTR1
V
CTR2
P2
P1
C1
C4
C5
1
NJG1507R
u
R1
nTEST CIRCUIT
nRECOMMENDED PCB DESIGN
Precautions
[1]External capacitors should be connected to the input and output RF terminals (P1, P2,
PC) to block the DC current. The above example is a circuit at 1.9GHz. Please select the
capacitor value suitable for actual frequency from 10pF to 1000pF.
[2]Decoupling capacitors should be connected to the control terminals (VCTR1, VCTR2) as
close as possible. The values of these capacitors should be selected from 5pF to
100pF range. Please consider that these values are very effective to switching time
(Larger capacitor gives longer switching time).
[3]In order to keep good isolation characteristics, the ground terminals (3, 4, 6pin)
should be connected to the ground pattern with wider width as close as possible, and
through-hole in the ground plane should also be placed as close as possible.
PCB SIZE=19.5x14.0mm
PCB: FR-4, t=0.2mm
CAPACITOR: size 1005
STRIPLINE WIDTH=0.5mm
C1~C3: 56pF
C4, C5: 10pF
R1: 510K
Ω
u: Please short between Pin4
and ground plane directly as
close as possible.
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com