Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1507R-R1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1507R-R1
Description  SPDT SWITCH GaAs MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1507R-R1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1507R-R1 Datasheet HTML 1Page - New Japan Radio NJG1507R-R1 Datasheet HTML 2Page - New Japan Radio NJG1507R-R1 Datasheet HTML 3Page - New Japan Radio NJG1507R-R1 Datasheet HTML 4Page - New Japan Radio NJG1507R-R1 Datasheet HTML 5Page - New Japan Radio NJG1507R-R1 Datasheet HTML 6Page - New Japan Radio NJG1507R-R1 Datasheet HTML 7Page - New Japan Radio NJG1507R-R1 Datasheet HTML 8Page - New Japan Radio NJG1507R-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NJG1507R
- 1 -
SPDT SWITCH GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1507R is a GaAs SPDT switch IC which exhibits low
loss and high isolation, and ideally suitable for T/R switch of
the digital wireless phone.
This switch is operated in the wide frequency range from
50MHz to 3.0GHz at low operating voltage from +2.5V with
small VSP8 package.
nFEATURES
lSingle and low positive supply voltage
+2.5~+5.5V
lLow insertion loss
0.5dB typ. @ f=2GHz, Pin=22dBm
lTransmission power
27dBm max. @ f=2GHz, VCTL=3.0V
lHigh isolation
33dB typ. @ f=2GHz, Pin=22dBm
lLow control current
5uA typ. @ f=0.05~2.5GHz, Pin=22dBm
lPackage
VSP8 (Mount Size: 4.0x2.9x1.2mm)
nPIN CONFIGURATION
nTRUTH TABLE
VCTR1
H
L
L
H
VCTR2
L
H
L
H
P1-PC
OFF
ON
Loss =15dB
P1 Return Loss =-3dB
Loss =16dB
P1 Return Loss =-2dB
P2-PC
ON
OFF
Loss =15dB
P2 Return Loss =-3dB
Loss =16dB
P2 Return Loss =-2dB
NJG1507R
R TYPE
(Top View)
6
7
8
1
2
3
4
5
Pin Connection
1.VCTR2
2.P2
3.GND
4.GND
5.PC
6.GND
7.P1
8.VCTR1
“H”=VCTR (H), ”L”=VCTR (L)
Note) The values of "Loss” and “Return Loss” are typical values at 2.0GHz.


Similar Part No. - NJG1507R-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
NJG1505R-C1 NJRC-NJG1505R-C1 Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
NJG1505R-C2 NJRC-NJG1505R-C2 Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
NJG1505R-C3 NJRC-NJG1505R-C3 Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
NJG1505R-C4 NJRC-NJG1505R-C4 Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1507R-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
SPDT SWITCH GaAs MMIC
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
SPDT SWITCH GaAs MMIC
NJG1542HB3 NJRC-NJG1542HB3 Datasheet
147Kb / 7P
SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com