Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASQ Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFFC5072ASQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ASQ Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFFC5072ASQ Datasheet HTML 12Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 13Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 14Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 15Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 16Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 17Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 18Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 19Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Synthesizer Performance Characteristics
VDD = +3V and TA = +27°C unless stated.
Note:
26MHz Crystal Oscillator: NDK ENA3523A
52MHz Crystal Oscillator: NDK ENA3560A
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise vs Temperature
2000MHz LO Frequency, 26MHz TCXO
-40 Deg C
+25 Deg C
+85 Deg C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
600
1200
1800
2400
3000
3600
4200
LO Frequency (MHz)
Synthesiser RMS Integrated Phase Noise
Integration Bandwidth 1KHz to 40MHz
26MHz TCXO
52MHz TCXO
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise vs Temperature
1500MHz LO Frequency, 26MHz TCXO
-40 Deg C
+25 Deg C
+85 Deg C
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise vs Temperature
2600MHz LO Frequency, 26MHz TCXO
-40 Deg C
+25 Deg C
+85 Deg C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com