Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFC5072ASQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ASQ Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFFC5072ASQ Datasheet HTML 2Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 3Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 4Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 5Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 6Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 7Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 8Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 9Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
The VCO outputs are first divided down in a high frequency prescalar. The output of this high frequency prescalar then enters
the N divider, which is a fractional divider containing a dual-modulus prescaler and a digitally spur-compensated fractional
sequence generator. This allows very fine frequency steps and minimizes fractional spurs. The fractional energy is randomized
and appears as fractional noise at frequency offsets above 100kHz which will be attenuated by the loop filter. An external loop
filter is used, giving flexibility in setting loop bandwidth for optimizing phase noise and lock time, for example.
The synthesizer step size is typically 1.5Hz when using a 26MHz reference frequency. The exact step size for any reference and
LO frequency can be calculated using the following formula:
(FREF * P) / (R * 224 * LO_DIV)
Where FREF is the reference frequency, R is the reference division ratio, P is the prescalar division ratio, and LO_DIV is the LO
divider value.
Pin 26 (GPO4) can be configured as a lock detect pin. The lock status is also available in the read-back register. The lock detect
function is a window detector on the VCO tuning voltage. The lock flag will be high to show PLL lock which corresponds to the
VCO tuning voltage being within the specified range, typically 0.30V to 1.25V.
The lock time of the PLL will depend on a number of factors; including the loop bandwidth and the reference frequency at the
phase detector. This clock frequency determines the speed at which the state machine and internal calibrations run. A 52MHz
phase detector frequency will give fastest lock times, of typically <50
secs when using the PLL re-lock bit.
Phase Detector and Charge Pump
The phase detector provides a current output to drive an active loop filter. The charge pump output current is set by the value
contained in the P1_CP_DEF and P2_CP_DEF fields in the loop filter configuration register. The charge pump current is given
by approximately 3
A/bit, and the fields are 6 bits long. This gives default value (31) of 93A and maximum value (63) of
189
A.
If the automatic loop bandwidth calibration is enabled the charge pump current is set by the calibration algorithm based upon
the VCO gain.
The phase detector will operate with a maximum input frequency of 52MHz.
Loop Filter
The active loop filter is implemented using the on-chip low noise op-amp with external resistors and capacitors. The internal
configuration of the chip is shown below with the recommended active loop filter. The op-amp gives a tuning voltage range of
typically +0.1V to +2.4V. The recommended loop filter shown is designed to give the lowest integrated phase noise for refer-
ence frequencies of between 26MHz and 52MHz. The external loop filter gives the flexibility to optimize the loop response for
any particular application and combination of reference and VCO frequencies.
LFILT1
8p2
180p
22K
470R
470R
330p
330p
LFILT2
LFILT3
+1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com