Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASQ Datasheet(PDF) 21 Page - RF Micro Devices

Part # RFFC5072ASQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ASQ Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RFFC5072ASQ Datasheet HTML 17Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 18Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 19Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 20Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 21Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 22Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 23Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 24Page - RF Micro Devices RFFC5072ASQ Datasheet HTML 25Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance Characteristics of Both RF Mixers
VDD = +3V and TA = +27°C unless stated. As measured on RFFC5071A wideband evaluation board.
See application schematic on page 13.
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
200
400
600
800
1000
1200
1400
1600
1800
2000
LO Frequency (MHz)
Typical LO Leakage at Mixer Output
+3.0V Supply Voltage
Path 1, -40 Deg C
Path 1, +27 Deg C
Path 1, +85 Deg C
Path 2, -40 Deg C
Path 2, +27 Deg C
Path 2, +85 Deg C
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
1600.0
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 1 Output
RF Input Power 0dBm, MIX1_IDD = 4
IF Output at 100MHz
LO Leakage (High Side)
RF Leakage
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
1600.0
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 2 Output
RF Input Power 0dBm, MIX2_IDD = 4
IF Output at 100MHz
LO Leakage (High Side)
RF Leakage
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
500
1000
1500
2000
2500
RF Input Frequency (MHz)
Mixer to Mixer Isolation in Full Duplex Mode
LO = 915MHz & MIX_IDD = 4
-40 Deg C
25 Deg C
+85 Deg C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com