Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2012 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFGA2012
Description  InGaP HBT LOW POWER LINEAR AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2012 Datasheet(HTML) 3 Page - RF Micro Devices

  RFGA2012 Datasheet HTML 1Page - RF Micro Devices RFGA2012 Datasheet HTML 2Page - RF Micro Devices RFGA2012 Datasheet HTML 3Page - RF Micro Devices RFGA2012 Datasheet HTML 4Page - RF Micro Devices RFGA2012 Datasheet HTML 5Page - RF Micro Devices RFGA2012 Datasheet HTML 6Page - RF Micro Devices RFGA2012 Datasheet HTML 7Page - RF Micro Devices RFGA2012 Datasheet HTML 8Page - RF Micro Devices RFGA2012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RFGA2012
DS110215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2650MHz
VCC = 3.3V, ICQ = 23mA (includes IBIAS)
Frequency
2600
2650
2700
MHz
Gain
12
dB
Input Return Loss
11
dB
Output Return Loss
16
dB
P1dB
15
dBm
OIP3
34
dBm
0dBm/tone, tone spacing = 1MHz
Noise Figure
1.6
dB
Power Supply
Operating Current (ICQ + IBIAS), Quiescent
23.0
mA
VCE=3.3V (includes IBIAS current ~2-3mA),
per 1960 EVB
Recommended Operating Voltage (VCE)
3.3
5.0
V
Collector-to-Emitter operating voltage
Power Down Current
20
AVBIAS=0.0V, VCE=3.3V
Thermal Resistance (RTH)
365
C/W
See RTH graph on page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com