Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2012 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFGA2012
Description  InGaP HBT LOW POWER LINEAR AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2012 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFGA2012 Datasheet HTML 2Page - RF Micro Devices RFGA2012 Datasheet HTML 3Page - RF Micro Devices RFGA2012 Datasheet HTML 4Page - RF Micro Devices RFGA2012 Datasheet HTML 5Page - RF Micro Devices RFGA2012 Datasheet HTML 6Page - RF Micro Devices RFGA2012 Datasheet HTML 7Page - RF Micro Devices RFGA2012 Datasheet HTML 8Page - RF Micro Devices RFGA2012 Datasheet HTML 9Page - RF Micro Devices RFGA2012 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RFGA2012
DS110215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1800MHz to 2200MHz Application Circuit
Evaluation Board BOM
1800MHz to 2200MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
PCB
GA2012410(A)
Low Noise, Linear Gain Block Amplifier
U1
RFMD
RFGA2012
CAP, 4.7uF, 10%, 10V, X5R, 0603
C4, C6
TDK Corporation
C1608X5R1A475K
CAP, 1000pF, 10%, 50V, X7R, 0402
C9
Murata Electronics
GRM155R71H102KA01E
CAP, 1uF, 10%, 10V, X5R, 0402
C1, C3
Murata Electronics
GRM155R61A105KE15D
CAP, 0.5pF, +/-0.1pF, 50V, HI-Q, 0402
C2
Johanson Technology
500R07S0R5BV4TD
CAP, 0.2pF, +/-0.05pF, 50V, HI-Q, 0402
R2
Johanson Technology
500R07S0R2AV4TD
CAP, 0.9pF, +/-0.1pF, 50V, HI-Q, 0402
C11
Johanson Technology
500R07S0R9BV4TD
IND, 1nH, +/-0.1nH, T/F, 0402
L2
Murata Electronics
LQP15MN1N0B02D
IND, 3.3nH, +/-0.1nH, T/F, 0402
L1
Murata Electronics
LQP15MN3N3B02D
RES, 160
, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-161JTH
RES, 10
, 5%, 1/16W, 0402
R4
Kamaya, Inc
RMC1/16S-100JTH
CONN, SMA, END LNCH, FLT, 0.062"
J1, J2
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 4-PIN, 0.100"
P1
ITW Pancon
MPSS100-4-C
DNP
C5, C7, C8, C10, C14, R3
J1
RFIN
J2
RFOUT
C6
4.7uF
C3
1uF
L1
3.3nH
1
2
3
4
P1
HDR_1X4
C4
4.7uF
VCC
GND
VBIAS
VCC
R2
0.2pF
NC
1
RFIN
2
NC
3
GND
4
GND
5
NC
6
RFOUT/VCC
7
VBIAS
8
U1
R1
160 ohm
GND
C1
1uF
C2
0.5pF
L2
1nH
R4
10 ohm
C9
1000pF
C11
0.9pF
VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com