Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2012 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFGA2012
Description  InGaP HBT LOW POWER LINEAR AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2012 Datasheet(HTML) 5 Page - RF Micro Devices

  RFGA2012 Datasheet HTML 1Page - RF Micro Devices RFGA2012 Datasheet HTML 2Page - RF Micro Devices RFGA2012 Datasheet HTML 3Page - RF Micro Devices RFGA2012 Datasheet HTML 4Page - RF Micro Devices RFGA2012 Datasheet HTML 5Page - RF Micro Devices RFGA2012 Datasheet HTML 6Page - RF Micro Devices RFGA2012 Datasheet HTML 7Page - RF Micro Devices RFGA2012 Datasheet HTML 8Page - RF Micro Devices RFGA2012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RFGA2012
DS110215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 1800MHz to 2200MHz Application Circuit
28
30
32
34
36
38
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
Frequency (GHz)
OIP3 versus Frequency (0dBm tones)
+25°C
-40°C
+85°C
28
30
32
34
36
38
-5
-4
-3
-2
-1
012345
Power Out Per Tone (dBm)
OIP3 versus Output Power (1960 MHz)
+25°C
-40°C
+85°C
13
14
15
16
17
18
19
20
21
22
23
-2
0
2
4
6
8
10
12
14
16
18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
Input Power (dBm)
Pout & Collector Current vs. Pin @ 1960MHz
Pout_25C
Pout_-40C
Pout_85C
Ic_25C
Ic_-40C
Ic_85C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
Frequency (GHz)
Noise Figure versus Frequency
+25°C
+85°C
8
10
12
14
16
18
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
Frequency (GHz)
P1dB versus Frequency
+25°C
-40°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com