Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL07 Datasheet(PDF) 3 Page - Rohm

Part # CSL07
Description  Compact and lower height LEDs with lens
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL07 Datasheet(HTML) 3 Page - Rohm

  CSL07 Datasheet HTML 1Page - Rohm CSL07 Datasheet HTML 2Page - Rohm CSL07 Datasheet HTML 3Page - Rohm CSL07 Datasheet HTML 4Page - Rohm CSL07 Datasheet HTML 5Page - Rohm CSL07 Datasheet HTML 6Page - Rohm CSL07 Datasheet HTML 7Page - Rohm CSL07 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
CSL07 series
lSpectrum Data
 
* Please take this data as a reference data for the samples are measured randomly.
* The data is relativized for each color. It is NOT to show the spectrum peaks are equal.
lViewing Angle
lRank Reference of Brightness
Red(U)
Orange(D)
CSL0701UT
CSL0701DT
WAVELENGTH [nm]
SCANNING ANGLE (deg)
RELATIVE INTENSITY
0
0.2
0.4
0.6
0.8
1
380
480
580
680
780
CSL0701UT
CSL0701DT
I
F=20mA
to 50
Iv (cd)
to 10
to 20
to 30
to 40
CSL0701UT
(Ta=25ºC, I
F=20mA)
to 50
CSL0701DT
Iv (cd)
to 10
to 20
to 30
to 40
(Ta=25ºC, I
F=20mA)
reference
3/7
2015.03 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com