Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL07 Datasheet(PDF) 7 Page - Rohm

Part # CSL07
Description  Compact and lower height LEDs with lens
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL07 Datasheet(HTML) 7 Page - Rohm

  CSL07 Datasheet HTML 1Page - Rohm CSL07 Datasheet HTML 2Page - Rohm CSL07 Datasheet HTML 3Page - Rohm CSL07 Datasheet HTML 4Page - Rohm CSL07 Datasheet HTML 5Page - Rohm CSL07 Datasheet HTML 6Page - Rohm CSL07 Datasheet HTML 7Page - Rohm CSL07 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
2.5
CSL07 Series
2015.03 - Rev.B
7/7
4-5. Soldering Pattern for Recommendation
We recommend the soldering pattern that shows on the right. It will be
different according to mounting situation of circuit board, therefore, please
concern before designing.
*
The product has adopted the electrode structure that it should solder with
back electrode of the product. Thus, please be informed that the shape
of electrode pin of solder fillet formation is not guaranteed.
4-6. Reflow Profile
For reflow profile, please refer to the conditions below:(*)
• Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax Maximum of pre-heating temperature
180ºC
Tsmin Minimum of pre-heating temperature
140ºC
Ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230 to 250ºC
tL
Retention time for TL
Within 40sec.
TP
Peak temperature
250ºC(Max)
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3ºC/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3ºC/sec.
*
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow furnaces
before using, because stress from circuit boards and temperature variations of reflow furnaces vary by
customer’s own conditions.
4-7. Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30ºC within 3 minutes
Ultrasonic Cleaning
15W / Below 1 liter (capacity of tank)
Drying
Under 100ºC within 3 minutes
Stress strength according to
the mounting position:
A>B>C>D
4-4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting, so please pay attention to the touch on
product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com