Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL07 Datasheet(PDF) 1 Page - Rohm

Part # CSL07
Description  Compact and lower height LEDs with lens
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL07 Datasheet(HTML) 1 Page - Rohm

  CSL07 Datasheet HTML 1Page - Rohm CSL07 Datasheet HTML 2Page - Rohm CSL07 Datasheet HTML 3Page - Rohm CSL07 Datasheet HTML 4Page - Rohm CSL07 Datasheet HTML 5Page - Rohm CSL07 Datasheet HTML 6Page - Rohm CSL07 Datasheet HTML 7Page - Rohm CSL07 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
lFeatures
lOutline
• Compact and lower height LEDs with lens.
•
lSize
1006 (0402)
1.0×0.6mm (t=0.2mm)
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(
mA)
(V)
(nm)
(nm)
(nm)
(mA)
(cd)
(cd)
(mA)
CSL0701UT
(619)
624 (629)
9
18
CSL0701DT
(599)
605 (611)
20
35
*1 : Duty 1/10, 1kHz
20
20
10
5
20
AlGaInP
50
150*
1
Red
Orange
120
Power
Reverse Current IR
2.1
5
-40 to +85 -40 to +100
Operating Temp.
Reverse
Storage Temp.
PD(mW) IF(mA)
Dissipation
Forward
Current
VR(V)
Topr(ºC)
Part No.
CSL07 series
Available for both top-view and side view usages.
Emitting
Voltage
Current
Forward Voltag VF
Peak Forward
Color
Electrical and Optical Characteristics (Ta=25ºC)
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
IFP(mA)
Dominant Wavelength
lD Luminous Intensity I
V
Tstg(ºC)
(unit : mm)
Tolerance :
0.2
(unit : mm)
Color
Type
U
D
2924 (1110)
2.9×2.4mm (t=3.1mm)
1.5
1.9
1.5
1/7
2015.03 - Rev.B


Similar Part No. - CSL07

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0701DT ROHM-CSL0701DT Datasheet
346Kb / 10P
Compact and lower height LEDs
CSL0701UT ROHM-CSL0701UT Datasheet
346Kb / 10P
Compact and lower height LEDs
CSL0701X ROHM-CSL0701X Datasheet
331Kb / 9P
Compact and lower height LEDs with lens
More results

Similar Description - CSL07

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
22-21SYGC EVERLIGHT-22-21SYGC Datasheet
166Kb / 9P
Chip LEDs with Right Angle Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
TOP View LEDs With Lens
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
TOP View LEDs With Lens
logo
Rohm
CSL0701UT ROHM-CSL0701UT Datasheet
346Kb / 10P
Compact and lower height LEDs
logo
Everlight Electronics C...
EAPL3529YA0 EVERLIGHT-EAPL3529YA0 Datasheet
347Kb / 11P
Power Top LEDs with Lens
EAPL3529RA0 EVERLIGHT-EAPL3529RA0 Datasheet
364Kb / 10P
Power Top LEDs with Lens
2015-08-18
logo
Rohm
CSL0701X ROHM-CSL0701X Datasheet
331Kb / 9P
Compact and lower height LEDs with lens
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com