Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2014 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFMD2014
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFMD2014 Datasheet HTML 2Page - RF Micro Devices RFMD2014 Datasheet HTML 3Page - RF Micro Devices RFMD2014 Datasheet HTML 4Page - RF Micro Devices RFMD2014 Datasheet HTML 5Page - RF Micro Devices RFMD2014 Datasheet HTML 6Page - RF Micro Devices RFMD2014 Datasheet HTML 7Page - RF Micro Devices RFMD2014 Datasheet HTML 8Page - RF Micro Devices RFMD2014 Datasheet HTML 9Page - RF Micro Devices RFMD2014 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
RFMD2014
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
QFN, 24-pin, 4mm x 4mm
Branding Diagram
Ordering Information
Ordering Code
Description
RFMD2014SQ
Sample bag with 25 pieces
RFMD2014SR
7" Reel with 100 pieces
RFMD2014TR7
7" Reel with 750 pieces
RFMD2014TR13
13" Reel with 2500 pieces
RFMD2014PCK-410
1450MHz to 2700MHz PCBA with 5-piece sample bag
MD2014-U01
Date Code
Trace Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com