Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2014 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFMD2014
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014 Datasheet(HTML) 2 Page - RF Micro Devices

  RFMD2014 Datasheet HTML 1Page - RF Micro Devices RFMD2014 Datasheet HTML 2Page - RF Micro Devices RFMD2014 Datasheet HTML 3Page - RF Micro Devices RFMD2014 Datasheet HTML 4Page - RF Micro Devices RFMD2014 Datasheet HTML 5Page - RF Micro Devices RFMD2014 Datasheet HTML 6Page - RF Micro Devices RFMD2014 Datasheet HTML 7Page - RF Micro Devices RFMD2014 Datasheet HTML 8Page - RF Micro Devices RFMD2014 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RFMD2014
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
V
LO Input
+10
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+150
°C
Power Dissipation
1200
mW
BB CM Voltage
1.8
V
Thermal Resistance
28
°C/W
ESD
Class 1 C (1000V)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General
Supply Voltage
4.75
5
5.25
V
Supply Current
189
210
231
mA
RF Output
RF Frequency Range
1450
2700
MHz
Carrier Feed through
-40
dBm
Uncalibrated
Sideband Suppression
-40
dB
Uncalibrated
OIP3
23
26
dBm
Baseband input 800mVPP, 20kHz 
RF Port Return Loss
15
dB
POUT
-3
0
3
dBm
Baseband input 800mVPP, CW quadrature
ACP
-70
dBc
RF output -10dBm, 1 carrier WCDMA
Broadband Noise Floor
-160
dBm/Hz
20MHz offset, BB OVPP
Output Power Flatness
0.25
dB
Over 60MHz BW
P1dB
9
11
dBm
LO Input
LO Frequency Range
1450
2700
MHz
LO Input Power
-3
0
3
dBm
Return Loss
15
dB
BB Input
I/Q Input Frequency Range
DC
300
MHz
BB Input Impedance
600
Differential impedance
Common Mode Voltage
1.5
V
Note: Typical performance at nominal conditions unless otherwise noted: VCC=+5V, Temperature=+25°C, Baseband CM Voltage=+1.5V, LO
Frequency=2100MHz, LO Power=0dBm, Single-Ended
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com