Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2014 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFMD2014
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014 Datasheet(HTML) 5 Page - RF Micro Devices

  RFMD2014 Datasheet HTML 1Page - RF Micro Devices RFMD2014 Datasheet HTML 2Page - RF Micro Devices RFMD2014 Datasheet HTML 3Page - RF Micro Devices RFMD2014 Datasheet HTML 4Page - RF Micro Devices RFMD2014 Datasheet HTML 5Page - RF Micro Devices RFMD2014 Datasheet HTML 6Page - RF Micro Devices RFMD2014 Datasheet HTML 7Page - RF Micro Devices RFMD2014 Datasheet HTML 8Page - RF Micro Devices RFMD2014 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFMD2014
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
‐3
‐2
‐1
0
1
2
3
4
‐10
‐50
5
10
15
Gain (dB)
Output Power (dBm)
CW Gain Compression vs Output Power
VCC 5V, LO 2100MHz 0dBm, IQ Bias 1.5V
Gain Compression +25C
Gain Compression ‐40C
Gain Compression +85C
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
‐15
‐10
0
0.5
1
1.5
2
2.5
3
LO 
Feedthru 
(dBm)
IQ Drive (Vpp SE)
Carrier Feedthrough vs IQ Drive
VCC 5V, LO 2100MHz 0dBm, IQ Bias 1.5V
Carrier Feedthrough +25C
Carrier Feedthrough ‐40C
Carrier Feedthrough +85C
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
‐15
‐10
0
0.5
1
1.5
2
2.5
3
Suppression 
(dBc)
IQ Drive (Vpp SE)
Sideband Suppression vs IQ Drive
VCC 5V, LO 2100MHz 0dBm, IQ Bias 1.5V
Sideband Suppression +25C
Sideband Suppression ‐40C
Sideband Suppression +85C
‐35
‐30
‐25
‐20
‐15
‐10
‐5
0
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
Return
Loss (dB)
Freq (MHz)
LO Port Return Loss
VCC 5V, LO 0dBm
LO Port +25C
LO Port ‐40C
LO Port +85C
‐80
‐75
‐70
‐65
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐20
‐15
‐10
‐50
5
10
ACP (dBc)
Channel Power (dBm)
WCDMA Adjacent Chan Pwr vs Channel Power
VCC 5V, LO 2100MHz 0dBm, IQ Bias 1.5V
ACP +25C
ACP ‐40C
ACP +85C
‐165
‐160
‐155
‐150
‐145
‐140
‐20
‐15
‐10
‐50
5
10
Output 
Noise 
(dBm/Hz)
Channel Power (dBm)
Output Noise Floor vs Channel Power
VCC 5V, LO 2140MHz 0dBm, IQ Bias 1.5V, WCDMA
Noise Floor +25C
Noise Floor ‐40C
Noise Floor +85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com