Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2080TR13 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFMD2080TR13 Datasheet HTML 9Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 10Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 11Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 12Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 13Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 14Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 15Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 16Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: Synthesizer
VDD = +3V and TA = +27°C unless stated otherwise, as measured on RFMD2080 evaluation board
Note:
• 26MHz Crystal Oscillator: NDK ENA3523A
• 52MHz Crystal Oscillator: NDK ENA3560A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
LO Frequency (MHz)
Synthesiser RMS Integrated Phase Noise
Integration Bandwidth 1KHz to 40MHz
26MHz TCXO
52MHz TCXO
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise
4000MHz VCO Frequency, 26MHz Crystal Oscillator
2000MHz
1000MHz
500MHz
250MHz
125MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise
5200MHz VCO Frequency, 52MHz Crystal Oscillator
2600MHz
1300MHz
650MHz
325MHz
162.5MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise
5200MHz VCO Frequency, 26MHz Crystal Oscillator
2600MHz
1300MHz
650MHz
325MHz
162.5MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0
100000.0
Offset Frequency (KHz)
Synthesizer Phase Noise
4000MHz VCO Frequency, 52MHz Crystal Oscillator
2000MHz
1000MHz
500MHz
250MHz
125MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com