Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2080TR13 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RFMD2080TR13 Datasheet HTML 11Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 12Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 13Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 14Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 15Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 16Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 17Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 18Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 19Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: IQ Modulator
VDD = +3V and TA = +27°C unless stated otherwise, as measured on RFMD2080 evaluation board. I and Q Input
Level 1VP-P differential with +1.15V DC bias. DC bias current setting in modulator core, moddc = 4.
-170.0
-165.0
-160.0
-155.0
-150.0
-145.0
-140.0
-135.0
-130.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Output Frequency (MHz)
Modulator Output Noise Floor
5MHz Offset
-40DegC, +3.0V
-40DegC, +3.3V
+27DegC, +3.0V
+27DegC, +3.3V
+85DegC, +3.0V
+85DegC, +3.3V
-170.0
-165.0
-160.0
-155.0
-150.0
-145.0
-140.0
-135.0
-130.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Output Frequency (MHz)
Modulator Output Noise Floor
1MHz Offset
-40DegC, +3.3V
+27DegC, +3.0V
+27DegC, +3.3V
-40DegC, +3.0V
+85DegC, +3.0V
+85DegC, +3.3V
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Output Frequency (MHz)
Modulator Input Voltage for 1dB Compression
Vs Temperature & Supply Voltage
-40DegC, +3.0V
-40DegC, +3.3V
+27DegC, +3.0V
+27DegC, +3.3V
+85DegC, +3.0V
+85DegC, +3.3V
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-40.0
-30.0
-20.0
-10.0
0.0
Gain (dB)
Effect of Gain Setting on Modulator Performance
Sideband and LO Suppression at 500MHz
Mod=0; Sideband
Mod=1; Sideband
Mod=2; Sideband
Mod=3; Sideband
Mod=0; LO
Mod=1; LO
Mod=2; LO
Mod=3; LO
115.0
120.0
125.0
130.0
135.0
140.0
145.0
150.0
155.0
160.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5
6
7
8
9
101112131415
Baseband Attenuator Setting (bb_atten)
Effect of Gain Setting
Wanted and Current at 500MHz Output
Mod=0; Wanted
Mod=1; Wanted
Mod=2; Wanted
Mod=3; Wanted
Mod=0; Current
Mod=1; Current
Mod=2; Current
Mod=3; Current
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
-40.0
-30.0
-20.0
-10.0
0.0
Gain (dB)
Effect of Gain Setting on Linearity
OIP3 and OP1dB at 500 MHz
Mod=0, OIP3
Mod=1; OIP3
Mod=2; OIP3
Mod=3; OIP3
Mod=0; OP1dB
Mod=1; OP1dB
Mod=2; OP1dB
Mod=3; OP1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com