Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMD2080TR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFMD2080TR13 Datasheet HTML 1Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 2Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 3Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 4Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 5Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 6Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 7Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 8Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
Synth
Phase
det.
Ref.
divider
RFMD2080
45MHz TO 2700MHz IQ MODULATOR WITH
SYNTHESIZER/VCO AND BASEBAND INTERFACE
The RFMD2080 is a low power, highly integrated, IQ modulator with integrated fractional-N syn-
thesizer and voltage controlled oscillator (VCO). The RFMD2080 can generate output frequen-
cies of between 45MHz and 2700MHz, making it suitable for a wide range of applications.
The fractional-N synthesizer takes advantage of an advanced sigma-delta architecture that
delivers ultra-fine step sizes and low spurious products. The synthesizer/VCO combined with an
external loop filter allows the user to generate an oscillator signal covering 90MHz to 5400MHz.
The signal is buffered and routed to a high accuracy quadrature divider (/2) that drives the bal-
anced I and Q mixers. The output of the mixers are summed and applied to a differential RF out-
put stage. The device also features a differential input for an external VCO or LO source.
The baseband I and Q stages are highly integrated; featuring variable gain and filtering as well
as generation of DC offset voltages. The programmable DC offsets enable improved carrier sup-
pression. The baseband input 3dB bandwidth can be tuned from 1.5MHz to 10MHz, and the
total gain control range is 38dB with 2dB resolution.
Device programming is achieved via a simple 3-wire serial interface. In addition, a unique pro-
gramming mode allows up to four devices to be controlled from a common serial bus. This elim-
inates the need for separate chip-select control lines between each device and the host
controller. Up to six general purpose outputs are provided, which can be used to access internal
signals (the LOCK signal, for example) or to control front end components. The device is opti-
mized for low power operation, consuming typically only 155mA from a 3V supply.
Features
RF Output Frequency Range
45MHz to 2700MHz
Fractional-N Synthesizer with
Very Low Spurious Levels
Typical Step Size 1.5Hz
Fully Integrated Wideband VCOs
and LO Buffers
Integrated Phase Noise
<0.2° rms at 1GHz
Integrated Baseband
Amplification Stage with Variable
Gain and Filtering
Tunable Baseband Filters Input
3dB Bandwidth from 1.5MHz to
10MHz
-45dBc Unadjusted Carrier
Suppression
-40dBc Unadjusted Sideband
Suppression
Very Low Noise Floor
-150dBm/Hz Typical
Output P1dB +4dBm
Output IP3 +18dBm
3.0V to 3.3V Power Supply
155mA Typical Current
Consumption
Serial Programming Interface
Applications
Satellite Communications
QPSK/QAM Modulators
SSB Modulators
Software Defined Radios
DS140110
Package: QFN, 32-Pin, 5mm x 5mm
RFMD2080


Similar Part No. - RFMD2080TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
More results

Similar Description - RFMD2080TR13

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Texas Instruments
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
Integrated IQ Modulator PLL/VCO
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
Quadrature Modulator with Integrated PLL and VCO
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
Integrated IQ Modulator PLL/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com