Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2545 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2545
Description  Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2545 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2545 Datasheet HTML 1Page - RF Micro Devices RFPA2545 Datasheet HTML 2Page - RF Micro Devices RFPA2545 Datasheet HTML 3Page - RF Micro Devices RFPA2545 Datasheet HTML 4Page - RF Micro Devices RFPA2545 Datasheet HTML 5Page - RF Micro Devices RFPA2545 Datasheet HTML 6Page - RF Micro Devices RFPA2545 Datasheet HTML 7Page - RF Micro Devices RFPA2545 Datasheet HTML 8Page - RF Micro Devices RFPA2545 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 19
RFPA2545
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Voltage (VCC and VBIAS)
7.0
V
Device Current
2500
mA
VREG Current
6.0
mA
VREG Device Voltage
3.8
V
CW Input Power, 50
Ω Load, 2140MHz Band
39
dBm
CW Input Power, 50
Ω Load, 2640MHz Band
41
dBm
Modulated (WCDMA) Input Power, 6:1 Output VSWR,
2140MHz Band
27
dBm
Modulated (WCDMA) Input Power, 6:1 Output VSWR,
2640MHz Band
34
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating
– Human Body Model (HBM)
500
V
ESD Rating
– Charge Device Model (CDM)
1000
V
Moisture Sensitivity Level
MSL1
Notes:
1.
The maximum ratings must all be met simultaneously
2.
PDISS = PDC + PRFIN – PROUT
3.
TJ = TL + PDISS * RTH
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
25
+105
°C
Operating Junction Temperature
160
°C
Operating Voltage VCC
4.75
5
5.25
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
2110MHz to 2170MHz
VCC = VBIAS = VREG = 5V, Temp = 25°C, Optimized for
ACPR at Rated Power
Frequency
2140
MHz
Gain
12.3
dB
Output IP3
52.3
dBm
POUT 18dBm per tone, 1MHz spacing
ACPR
-52
dBc
RF Output power = 25dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
34.9
dBm
Input Return Loss
-20
dB
Small signal S11
Output Return Loss
-13.7
dB
Small signal S22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com