Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2545 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA2545
Description  Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2545 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA2545 Datasheet HTML 5Page - RF Micro Devices RFPA2545 Datasheet HTML 6Page - RF Micro Devices RFPA2545 Datasheet HTML 7Page - RF Micro Devices RFPA2545 Datasheet HTML 8Page - RF Micro Devices RFPA2545 Datasheet HTML 9Page - RF Micro Devices RFPA2545 Datasheet HTML 10Page - RF Micro Devices RFPA2545 Datasheet HTML 11Page - RF Micro Devices RFPA2545 Datasheet HTML 12Page - RF Micro Devices RFPA2545 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 19
RFPA2545
Evaluation Board Bill of Materials (BOM) 2110MHz to 2170MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFPA2545 Evaluation Board
PA2545-411(A)
RFPA2545
U1
RFMD
RFPA2545
CAP, 4.7pF, ±0.1pF, 50V, HI-Q, 0402
C5
Murata Electronics
GJM1555C1H4R7BB01D
CAP, 9.1pF, +/-0.25pF, 50V, HI-Q, 0402
C6
Murata Electronics
GJM1555C1H9R1CB01D
CAP, 1µF, 10%, 16V, X7R, 0805
C7
Murata Electronics
GRM21BR71C105KA01K
CAP, 1000pF, 10%, 50V, X7R, 0402
C8, C14
Murata Electronics
GRM155R71H102KA01D
CAP, 8.2pF, +/-0.5pF, 50V, C0G, 0402
C9, C15
Taiyo Yuden (USA), Inc.
RM UMK105 CG8R2DV-F
CAP, 10µF, 10%, 25V, X7R, 1206
C12
Taiyo Yuden (USA), Inc.
TMK316AB7106KL-T
CAP, 4.3pF, ±0.1pF, 50V, HI-Q, 0402
C18
Murata Electronics
GJM1555C1H4R3BB01D
CAP, 100pF, 5%, 50V, C0G, 0402
C22
Murata Electronics
GRM1555C1H101JA01D
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-24NXJLW
RES, 1K, 5%, 1/16W, 0402
R1
Kamaya, Inc.
RMC1/16S-102JTH
RES, 0Ω, 0402 KAMAYA
R2
Kamaya, Inc.
RMC1/16SJPTH
CONN, SMA, END LNCH, RND PIN,
0.039"
J1-J2
GIGALANE CO., LTD.
PSF-S01-002
CONN, HDR, ST, PLRZD, 5-PIN, 0.100"
P1
ITW Pancon
MPSS100-5-C
HEATSINK BLOCK, 1.16 SQ I
Robert S. Wells
EEF-102059
SCREW, 2-56 x 3/16", SOCKET HEAD
S1-S5
McMaster-Carr Supply Co.
92196A076
DNP
C1-C4, C10-C11, C13,
C16-C17, C19-C21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com