Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2545 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2545
Description  Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2545 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2545 Datasheet HTML 1Page - RF Micro Devices RFPA2545 Datasheet HTML 2Page - RF Micro Devices RFPA2545 Datasheet HTML 3Page - RF Micro Devices RFPA2545 Datasheet HTML 4Page - RF Micro Devices RFPA2545 Datasheet HTML 5Page - RF Micro Devices RFPA2545 Datasheet HTML 6Page - RF Micro Devices RFPA2545 Datasheet HTML 7Page - RF Micro Devices RFPA2545 Datasheet HTML 8Page - RF Micro Devices RFPA2545 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 19
RFPA2545
RFPA2545
Broadband 4W GaAs HBT Power Amplifier
1400MHz to 2700MHz
The RFPA2545 is a broadband GaAs HBT power amplifier
specifically designed for wireless infrastructure applications. Using
a highly reliable GaAs HBT technology, this high performance
single stage amplifier achieves higher gain and ultra-high linearity
over a broad frequency range. It exhibits excellent back-off
characteristics making it ideal for ultra-linear applications.
RFPA2545 can also be optimized for use as a small-cell PA
output stage. External matching and bias control allows
RFPA2545 to be utilized across various radio platforms within
1400MHz to 2700MHz.
RFIN
RFOUT/VCC
RFOUT/VCC
NC
RFIN
VREG
2
3
4
5
6
NC
VBIAS
12
11
10
9
8
7
RFOUT/VCC
RFOUT/VCC
1
RFIN
RFIN
Functional Block Diagram
Ordering Information
RFPA2545SQ
Sample bag with 25 pieces
RFPA2545SR
7" Reel with 100 pieces
RFPA2545TR13
13" Reel with 2500 pieces
RFPA2545PCK-411
2110MHz to 2170MHz PCBA with 5-piece sample
bag
RFPA2545PCK-412
2590MHz to 2690MHz PCBA with 5-piece sample
bag
Package: DFN, 12-pin,
4.0mm x 5.0mm x 0.85mm
Features
■
1400MHz to 2700MHz Operation
■
P1dB = 34.9dBm at 2140MHz
■
ACP = -52dBc at POUT = 25dBm,
2140MHz
■
High Linearity OIP3 = 52.3dBm at
2140MHz
■
DC Power 5V, 800mA
Applications
■
GaAs Pre-driver for Base Station
Amplifiers
■
Small Cell Output Stage
■
PA Stage for Commercial Wireless
Infrastructure
RFPA2545


Similar Part No. - RFPA2545

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2545

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com