Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2650 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPD2650
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2650 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPD2650 Datasheet HTML 1Page - RF Micro Devices RFPD2650 Datasheet HTML 2Page - RF Micro Devices RFPD2650 Datasheet HTML 3Page - RF Micro Devices RFPD2650 Datasheet HTML 4Page - RF Micro Devices RFPD2650 Datasheet HTML 5Page - RF Micro Devices RFPD2650 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RFPD2650
2 of 6
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141021
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω, IDC set > 370mA
Power Gain
21.0
21.5
22.0
dB
f = 45MHz
22.5
23.0
24.0
dB
f = 1003MHz
Slope
[1]
1.0
1.5
2.5
dB
f = 45MHz to 1003MHz
Flatness of Frequency Response
0.8
dB
f = 45MHz to 1003MHz
Input Return Loss
20
dB
f = 45MHz to 320MHz
19
dB
f = 320MHz to 640MHz
18
dB
f = 640MHz to 870MHz
16
dB
f = 870MHz to 1003MHz
Output Return Loss
20
dB
f = 45MHz to 320MHz
19
dB
f = 320MHz to 640MHz
18
dB
f = 640MHz to 870MHz
17
dB
f = 870MHz to 1003MHz
Noise Figure
3.5
4.5
dB
f = 50MHz to 1003MHz
Total Current Consumption (DC)
430.0
450.0
mA
[5]
Distortion Data
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω, IDC = IDC typical
[5]
CTB
-73
-68
dBc
VO = 61dBmV at 1000MHz, 18dB extrapolated tilt, 79 analog channels
plus 75 digital channels (-6dB offset)
[2][5]
XMOD
-65
-60
dBc
CSO
-76
-70
dBc
CIN
55
60
dB
Distortion Data
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω, IDC = IDC typical
[5]
CTB
-77
dBc
VO = 56.4dBmV at 1000MHz, 13.4dB extrapolated tilt, 79 analog
channels plus 75 digital channels (-6dB offset)
[3][5]
XMOD
-71
dBc
CSO
-71
dBc
CIN
67
dB
Distortion Data
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω, IDC = 370mA
CTB
-70
dBc
VO = 56.4dBmV at 1000MHz, 13.4dB extrapolated tilt, 79 analog
channels plus 75 digital channels (-6dB offset)
[3][5]
XMOD
-62
dBc
CSO
-71
dBc
CIN
60
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com