Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2650 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD2650
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2650 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD2650 Datasheet HTML 1Page - RF Micro Devices RFPD2650 Datasheet HTML 2Page - RF Micro Devices RFPD2650 Datasheet HTML 3Page - RF Micro Devices RFPD2650 Datasheet HTML 4Page - RF Micro Devices RFPD2650 Datasheet HTML 5Page - RF Micro Devices RFPD2650 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141021
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 6
RFPD2650
GaAs/GaN Power Doubler Hybrid
45MHz to 1003MHz
The RFPD2650 is a Hybrid Power Doubler amplifier module.
The part employs GaAs pHEMT die and GaN HEMT die, has
extremely high output capability, and is operated from 45MHz
to 1003MHz. It provides excellent linearity and superior return
loss performance with low noise and optimal reliability. DC
current of the device can be externally adjusted for optimum
distortion performance versus power consumption over a wide
range of output level.
INPUT
OUTPUT
V+
Current setting
Package: SOT-115J
Features
■
Excellent Linearity
■
Superior Return Loss Performance
■
Extremely Low Distortion
■
Optimal Reliability
■
Low Noise
■
Unconditionally Stable Under All
Terminations
■
Extremely High Output Capability
■
22.5dB Min. Gain at 1003MHz
■
450mA Max. at 24VDC
■
Extra Pin For Current Adjustment
Applications
■
45MHz to 1003MHz CATV
Amplifier Systems
Ordering Information
RFPD2650
Box with 50 Pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
75
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPD2650


Similar Part No. - RFPD2650

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2660 RFMD-RFPD2660 Datasheet
266Kb / 3P
23dB Power Doubler Hybrid 40MHz to 1003MHz
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
25dB Power Doubler Hybrid 40MHz to 1003MHz
More results

Similar Description - RFPD2650

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2940 RFMD-RFPD2940 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com