Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2650 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPD2650
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2650 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPD2650 Datasheet HTML 1Page - RF Micro Devices RFPD2650 Datasheet HTML 2Page - RF Micro Devices RFPD2650 Datasheet HTML 3Page - RF Micro Devices RFPD2650 Datasheet HTML 4Page - RF Micro Devices RFPD2650 Datasheet HTML 5Page - RF Micro Devices RFPD2650 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141021
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 6
RFPD2650
Parameter
Specification
Unit
Condition
Min
Typ
Max
1. The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2. 79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +43dBmV to +52.4dBmV tilted output level, plus 75 digital channels, -6dB offset
relative to the equivalent analog carrier.
3. 79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +43dBmV to +50.0dBmV tilted output level, plus 75 digital channels, -6dB offset
relative to the equivalent analog carrier.
4. Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA.
Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.
Carrier to Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test Procedure for carrier to noise).
5. Test condition: Pin 4 not connected
Current Adjustment Using Hybrid Pin 4
The RFPD2650 can be operated over a wide range of current to provide maximum required performance with minimum current
consumption. A single external resistor connected between pin 4 and GND allows variation of current between 430mA and 220mA
(typ.). Within the recommended range of current between 430mA and 370mA gain (S21) change is less than 0.2dB and noise
figure change is less than 0.1dB. If pin 4 is not connected the devices operates at maximum current, see table below.
Examples of connecting pin 4:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com