Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology LTM4627_15 Datasheet HTML 10Page - Linear Technology LTM4627_15 Datasheet HTML 11Page - Linear Technology LTM4627_15 Datasheet HTML 12Page - Linear Technology LTM4627_15 Datasheet HTML 13Page - Linear Technology LTM4627_15 Datasheet HTML 14Page - Linear Technology LTM4627_15 Datasheet HTML 15Page - Linear Technology LTM4627_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTM4627
12
4627fc
For more information www.linear.com/LTM4627
Output Capacitors
The LTM4627 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR)
to meet the output voltage ripple and transient require-
ments. COUT can be a low ESR tantalum capacitor, low
ESR Polymer capacitor or ceramic capacitors. The typical
outputcapacitancerangeisfrom200µFto800µF.Additional
output filtering may be required by the system designer
if further reduction of output ripple or dynamic transient
spikesisrequired.Table4showsamatrixofdifferentoutput
voltages and output capacitors to minimize the voltage
droop and overshoot during a 7.5A/µs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to optimize the transient performance. Stability criteria
are considered in the Table 4 matrix, and LTpowerCAD is
available for stability analysis. Multiphase operation will
reduceeffectiveoutputrippleasafunctionofthenumberof
phases.ApplicationNote77discussesthisnoisereduction
versus output ripple current cancellation, but the output
capacitance should be considered carefully as a function
of stability and transient response. LTpowerCAD can be
usedtocalculatetheoutputripplereductionasthenumber
of implemented phases increases by N times.
Burst Mode Operation
The LTM4627 is capable of Burst Mode operation in which
the power MOSFETs operate intermittently based on load
demand, thus saving quiescent current. For applications
where maximizing the efficiency at very light loads is a
high priority, Burst Mode operation should be applied. To
enableBurstModeoperation,simplyfloattheMODE_PLLIN
pin. During Burst Mode operation, the peak current of the
inductorissettoapproximately30%ofthemaximumpeak
current value in normal operation even though the voltage
at the COMP pin indicates a lower value. The voltage at the
COMP pin drops when the inductor’s average current is
greater than the load requirement. As the COMP voltage
drops below 0.5V, the burst comparator trips, causing
the internal sleep line to go high and turn off both power
MOSFETs.
In sleep mode, the internal circuitry is partially turned
off, reducing the quiescent current. The load current is
now being supplied from the output capacitors. When the
output voltage drops, causing COMP to rise, the internal
sleep line goes low, and the LTM4627 resumes normal
operation. The next oscillator cycle will turn on the top
power MOSFET and the switching cycle repeats.
Pulse-Skipping Mode Operation
In applications where low output ripple and high effi-
ciencyatintermediatecurrentsaredesired,pulse-skipping
mode should be used. Pulse-skipping operation allows
the LTM4627 to skip cycles at low output loads, thus
increasing efficiency by reducing switching loss. Tying
the MODE_PLLIN pin to INTVCC enables pulse-skipping
operation. With pulse-skipping mode at light load, the
internalcurrentcomparatormayremaintrippedforseveral
cycles, thus skipping operation cycles. This mode has
lower ripple than Burst Mode operation and maintains a
higher frequency operation than Burst Mode operation.
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
output ripple is desired, forced continuous operation
should be used. Forced continuous operation can be
enabled by tying the MODE_PLLIN pin to ground. In this
mode, inductor current is allowed to reverse during low
output loads, the COMP voltage is in control of the current
comparator threshold throughout, and the top MOSFET
alwaysturnsonwitheachoscillatorpulse.Duringstart-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4627’s output
voltage is in regulation.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com