Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 17Page - Linear Technology LTM4627_15 Datasheet HTML 18Page - Linear Technology LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology LTM4627_15 Datasheet HTML 22Page - Linear Technology LTM4627_15 Datasheet HTML 23Page - Linear Technology LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM4627
21
4627fc
For more information www.linear.com/LTM4627
Table 2. 1.2V Output
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)*
Figures 9, 11
5V, 12V
Figure 7
0
None
13
Figures 9, 11
5V, 12V
Figure 7
200
None
11
Figures 9, 11
5V, 12V
Figure 7
400
None
8
Figures 10, 12
5V, 12V
Figure 7
0
BGA Heat Sink
12
Figures 10, 12
5V, 12V
Figure 7
200
BGA Heat Sink
8
Figures 10, 12
5V, 12V
Figure 7
400
BGA Heat Sink
7
Table 3. 3.3V Output
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)*
Figures 13, 15
5V, 12V
Figure 8
0
None
13
Figures 13, 15
5V, 12V
Figure 8
200
None
11
Figures 13, 15
5V, 12V
Figure 8
400
None
8
Figures 14, 16
5V, 12V
Figure 8
0
BGA Heat Sink
12
Figures 14, 16
5V, 12V
Figure 8
200
BGA Heat Sink
8
Figures 14, 16
5V, 12V
Figure 8
400
BGA Heat Sink
7
*
θJA derived from laboratory measurements using a 95mm × 76mm PCB with 4 layers. Two outer
layers are 2oz copper and two inner layers are 1oz copper. PCB thickness is 1.6mm. BGA heat sink
references are listed in Table 4.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com