Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 16Page - Linear Technology LTM4627_15 Datasheet HTML 17Page - Linear Technology LTM4627_15 Datasheet HTML 18Page - Linear Technology LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology LTM4627_15 Datasheet HTML 22Page - Linear Technology LTM4627_15 Datasheet HTML 23Page - Linear Technology LTM4627_15 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM4627
20
4627fc
For more information www.linear.com/LTM4627
Figure 13. 5VIN to 3.3VOUT No Heat Sink
Figure 14. 5VIN to 3.3VOUT with Heat Sink
Figure 16. 12VIN to 3.3VOUT with Heat Sink
Figure 15. 12VIN to 3.3VOUT No Heat Sink
APPLICATIONS INFORMATION
0
2
6
4627 F13
8
14
12
10
4
0 LFM
200 LFM
400 LFM
40 50 60 70 80 90 100 110 120 130
AMBIENT TEMPERATURE (°C)
0
2
6
4627 F14
8
14
12
10
4
0 LFM
200 LFM
400 LFM
40 50 60 70 80 90 100 110 120 130
AMBIENT TEMPERATURE (°C)
0
2
6
4627 F15
8
16
12
14
10
4
0 LFM
200 LFM
400 LFM
40 50 60 70 80 90 100 110 120 130
AMBIENT TEMPERATURE (°C)
0
2
6
4627 F16
8
16
12
14
10
4
0 LFM
200 LFM
400 LFM
40 50 60 70 80 90 100 110 120 130
AMBIENT TEMPERATURE (°C)
Figure 12. 12VIN to 1.2VOUT with Heat Sink
0
2
6
4627 F12
8
16
14
12
10
4
0 LFM
200 LFM
400 LFM
40 50 60 70 80 90 100 110 120 130
AMBIENT TEMPERATURE (°C)
Figure 11. 12VIN to 1.2VOUT No Heat Sink
0
2
6
4627 F10
8
16
14
12
10
4
0 LFM
200 LFM
400 LFM
40 50 60 70 80 90 100 110 120 130
AMBIENT TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com