Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02205AF Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA02205AF
Description  3.6V 0.5W RF Power Amplifier IC for DECT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02205AF Datasheet(HTML) 2 Page - Tyco Electronics

  MA02205AF Datasheet HTML 1Page - Tyco Electronics MA02205AF Datasheet HTML 2Page - Tyco Electronics MA02205AF Datasheet HTML 3Page - Tyco Electronics MA02205AF Datasheet HTML 4Page - Tyco Electronics MA02205AF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.6V 0.5W RF Power Amplifier IC for DECT
MA02205AF
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
MAXIMUM RATINGS (T
A = 25 °C unless otherwise noted)
Rating
Symbol
Value
Unit
DC Supply Voltage (Pins 1, 12, 16)
VDD
5.5
Vdc
RF Input Power
PIN
3
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
APP LICATION INFORMATION
RFIN
+VDD
RFOUT
T5
L3
C6
C5
N/C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
T2
C1
C2
T3
T4
C4
C3
T1
L1
R1
L2
Figure 1. Evaluation Board Schematic
List of components:
C1 = 100 pF DLI multilayer ceramic chip capacitor (C11AH101K5TXL)
C2 = 10 pF DLI multilayer ceramic chip capacitor (C11AH1R0B5TXL)
C3 = 0.7 pF DLI multilayer ceramic chip capacitor (C11AH0R7B5TXL)
C4 = 10 pF DLI multilayer ceramic chip capacitor (C11AH1R0B5TXL)
C5 = 2.2 pF DLI multilayer ceramic chip capacitor (C11AH2R2B5TXL)
C6 = 100 pF DLI multilayer ceramic chip capacitor (C11AH101K5TXL) (DC blocking capacitor)
L1 = 2.7 nH Toko chip inductor (TKS2362CTND)
L2 = 3.3 nH Toko chip inductor (TKS2363CTND)
L3 = 27 nH Coilcraft chip inductor (1008CS.270XMBB)
R1 = 300
Ω chip resistor
T1 = 0.19" of 50
Ω==grounded coplanar waveguide (60 mil GETEK board)
T2 = 0.12" of 50
Ω==grounded coplanar waveguide (60 mil GETEK board)
T3 = 0.39" of 75
Ω==grounded coplanar waveguide (60 mil GETEK board)
T4 = 0.11" of 75
Ω==grounded coplanar waveguide (60 mil GETEK board)
T5 = 0.14" of 50
Ω==grounded coplanar waveguide (60 mil GETEK board)
Component layout and printed circuit board drawing for RF IC evaluation board are shown in Figure 9.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com