Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02205AF Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA02205AF
Description  3.6V 0.5W RF Power Amplifier IC for DECT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02205AF Datasheet(HTML) 4 Page - Tyco Electronics

  MA02205AF Datasheet HTML 1Page - Tyco Electronics MA02205AF Datasheet HTML 2Page - Tyco Electronics MA02205AF Datasheet HTML 3Page - Tyco Electronics MA02205AF Datasheet HTML 4Page - Tyco Electronics MA02205AF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.6V 0.5W RF Power Amplifier IC for DECT
MA02205AF
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
25
26
27
28
29
30
31
32
33
34
35
1820 1840 1860 1880 1900 1920 1940 1960 1980
Frequency (MHz)
20
25
30
35
40
45
50
55
60
65
70
Pout, -45° C
Pout, 25° C
Pout, 85° C
PAE, -45° C
PAE, 25° C
PAE, 85° C
VDD = 3.6 V
P
IN = -2 dBm
P
OUT
η
Figure 6. Output power and efficiency vs. frequency for different ambient temperatures
0
110
100
90
80
70
60
50
1800 MHz
2100 MHz
1890 MHz
26.1 +j43.8
Ω
Ω
Ω
Ω
0
1800 MHz
2100 MHz
1890 MHz
10.6 - j9.2
Ω
Ω
Ω
Ω
Figure 7. Input match impedance (as seen from the
end of pin 5 without IC on board)
Figure 8. Output match impedance (as seen
from the end of pin 12 without IC on board)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com