Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02205AF Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA02205AF
Description  3.6V 0.5W RF Power Amplifier IC for DECT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02205AF Datasheet(HTML) 3 Page - Tyco Electronics

  MA02205AF Datasheet HTML 1Page - Tyco Electronics MA02205AF Datasheet HTML 2Page - Tyco Electronics MA02205AF Datasheet HTML 3Page - Tyco Electronics MA02205AF Datasheet HTML 4Page - Tyco Electronics MA02205AF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3.6V 0.5W RF Power Amplifier IC for DECT
MA02205AF
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
55
60
-8
-6
-4
-2
0
2
4
PIN, Input Power (dBm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
η
V
DD = 3.6 V
ƒ = 1900 MHz
P
OUT
I
DD
0
5
10
15
20
25
30
35
40
45
50
55
60
1800
1850
1900
1950
2000
Frequency (MHz)
1:1
2:1
3:1
4:1
η
VSWR
VDD = 3.6 V
PIN = -2 dBm
POUT
Figure 2. Output power, drain current and efficiency vs.
input power
Figure 3. Output power, efficiency and input VSWR vs.
frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vdd (volts)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IDD
η
PIN = -2 dBm
ƒ = 1900 MHz
P
OUT
-30
-20
-10
0
10
20
30
ƒο
2ƒο
3ƒο
4ƒο
5ƒο
Frequency
VDD = 3.6 V
P
IN = -2 dBm
ƒ = 1900 MHz
Figure 4. Output power, drain current and efficiency
vs. supply voltage
Figure 5. Harmonics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com