Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ-R7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA0S506AJ-R7
Description  5.0 - 6.0 SPDT T/R Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-R7 Datasheet(HTML) 2 Page - Tyco Electronics

  MA0S506AJ-R7 Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 3Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
5.0 – 6.0 SPDT T/R Switch
MA0S506AJ
V 1.0
Electrical Specifications: TA = 25 °C, Z0 = 50 Ω
1
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
dB
1.4
1.8
Isolation
dB
25
28
Return Loss
dB
9
TRISE, TFALL
TON, TOFF
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
nS
nS
10
25
1 dB Compression
V1/V2 = 0/3 V, VDD = 3 V
V1/V2 = 0/5 V, VDD = 5 V
dBm
dBm
32
35
Third Order Intercept
dBm
44
1. Unless otherwise specified, input power is -10 dBm, VDD is +5 V, control voltages are 0/+5 V, and test frequency is 5.775 GHz.
Switch Logic Table
1,2
Insertion Loss Path
Isolated Path
V1
V2
RF1/RFC
RF2/RFC
1
0
RF2/RFC
RF1/RFC
0
1
1.
“0” = 0 +/- 0.2 volts
2.
“1” = +2.7 to +8 volts, equal to VDD
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
+ 33 dBm
Control Voltages
+8.0 volts
Supply Voltage
+8.0 volts
Operating Temperature
-40 °C to +100 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1. Exceeding any one or combination of these limits may cause permanent damage.
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com